Part Number Hot Search : 
MB47AT HVC372B CSA673A R32C118 FR204 R0909D MCR08B BZT15
Product Description
Full Text Search
 

To Download BCM2045 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BCM2045 ? blutonium? bluetooth? 2.0 + edr single-chip hci solution typical cell phone application ? world?s first bluetooth 2.0 + edr solution in 0.13 um cmos technology ? fully integrated balun and t/r switch eliminates all external rf matching components ? supports class 1, 2, and 3 designs ? fully supports the bluetooth 1.1, 1.2, and 2.0 standards including 1, 2, and 3 mbps edr operation ? lowest current consumption in all modes of operation ? rom-based solution eliminates external flash and/or eeprom memory ? highest available bluetooth radio performance of any single- chip solution ? 88 dbm receiver sensitivity using edr communication ? programmable output power up to +7 dbm ? minimized external bom requirements are less than 10 external passive components ? supports uart, usb, sdi, and spi hci transports ? fractional-n frequency synthesizer supports any crystal or tcxo source from 12 to 40 mhz ? automatic calibration and frequency detection of crystal frequency ? maximizes range and simplifies system integration by providing exceptional output power and receiver sensitivity ? high-level of integration eliminates challenges of board level rf design ? achieves smallest board area requirements by minimal external bom and smallest package size available today ? standard pcb requirement is less than 50 mm^2 ? module solutions less than 25 mm^2 ? rom-based solution with flexible code patching ensures fast integration ? on-chip voltage regulator lowers bom requirements and provides additional power savings capability ? minimized power dissipation over other solutions ? 50% savings in power in standard telephony headset applications ? 30% savings in power in advanced stereo audio applications ? cellular and mobile communication devices ? pda and low-power embedded communication devices ? pc and integration on pc mother board applications ? package types available ? 95-pin fpbga package (6 mm x 6 mm) ? 65-pin fpbga package (5 mm x 5 mm) ? wafer scale flip chip packaging features summary of benefits applications xtal_in xtal_pd/pu lpo_input host_wake bt_wake uart pcm BCM2045 tcxo lpo clock handset baseband voice codec
overview ? phone: 949-450-8700 fax: 949-450-8710 e-mail: info@broadcom.com web: www.broadcom.com broadcom corporation 16215 alton parkway, p.o. box 57013 irvine, california 92619-7013 ? 2006 by broadcom corporation. all rights reserved. 2045-pb01-r 03/15/06 broadcom ? , the pulse logo, connecting everything ? , the connecting everything logo, broadvoice ? , and broadsafe? are among the trademarks of broadcom corporation and/or its affiliates in the united states, certain other countries and/or the eu. any other tradem arks or trade names mentioned are the property of their respective owners. bluetooth ? is a trademark of the bluetooth sig. BCM2045 block diagram the broadcom BCM2045 is a monolithic, single-chip, stand-alone baseband processor with an integrated 2.4-ghz transceiver for bluetooth 2.0 + edr applications. it is fully compliant with the bluetooth specification and completely backward-compatible with any bluetooth version 1.1 or 1.2-based system. it eliminates the need for external flash memories and active components by integrating critical components into the device, thus minimizing the footprint and system cost of implementing a bluetooth system. the BCM2045 edr solution has been designed in 0.13u bulk cmos technology, the most widely available silicon process today. this use of the advanced process enables the BCM2045 to achieve the lowest possible current consumption in all modes of operation and maintain the lowest cost total solution. the BCM2045 has an architecture that has been designed to take advantage of the edr standard. rather than a modification to an existing bluetooth 1.2 radio, the BCM2045 has been optimized to support bluetooth 2.0 + edr. by designing the radio to take advantage of edr, higher and more reliable through-and greater-link range performance can be achieved. cost optimized solutions can be achieved with the BCM2045 by using standard chip-on-board assembly techniques. low risk applications are enabled through the extensive integration of external passive and active components. all sensitive rf and analog portions of the bluetooth radio and baseband have been integrated into the device including the most sensitive high-frequency matching components. this eliminates the possibility of board level interference and degradation in performance due to the environment and board level designs. internal voltage regulation has been added to eliminate the need for a voltage regulator and the device is capable of operation using a noisy digital 1.8 to 3.6v power supply. uart/ sdio/ spi receiver path ptu pu rf xtal usb uart/ sdio/ spi gpio memory vdd internal lpo lpo interface lpo pll frac n calibration and control pcm usb pio memory interface bus adapter rom ram arm p boot rom transmitter path radio pcm modem voltage regulator digital demod bit sync digital modulator crystal interface lo generation pa clock gen bluetooth baseband core lna


▲Up To Search▲   

 
Price & Availability of BCM2045

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X